Part Number Hot Search : 
T1122 UES702 HVL43 GBPC25 206VDC MG300 SM6K2 BZX85
Product Description
Full Text Search
 

To Download P10GG-0524ELF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pmf-series ? p10gg-xxxxe(hxx)lf ? single output ? s ip12 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/3 p10gg-xxxxe(hxx)lf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range 10% input filter capacitors input reflected ripple current1 20 ma pk-pk output specifications voltage accuracy 2% short circuit protection indefinite (automatic recovery) line regulation 0.5% load regulation (0% - 100%) 0.5% (3.3vout models: 1.5%) ripple and noise (20mhz bandwidth) 75 mv pk-pk temperature coefficient 0.02% / c general specifications efficiency see table i/o isolation voltage (3 sec.) 1000 vdc (up to 5200 vdc optional*) i/o isolation capacity 60 pf, typ. i/o isolation resistance 1000 m ohm switching frequency 50 khz (typ.) humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 1.12 mhrs physical specifications case material non conductive black plastic (ul94v-0 rated) potting material epoxy (ul94v-0 rated) weight ~ 7.2g, typ. environment specifications operating temperature -25 to +71c (ambient) maximum case temperature 100c storage temperature -40 to +125c cooling free air convection rohs conform soldering 260c, max. (1.5mm from case 10s.) mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de the pm f series p 10 g g - xxxxe (hxx) lf is a family of cost effective 2 w regulated single output dc/dc converters. these con verters are in an ultra miniature sip12 case. devices are encapsulated. hig h performance features: regulated output, 1000vdc up to 5200vdc i nput/output isolation, high efficiency operation, output voltag e accuracy of 2% maximum and input range of 10% tolerance. pmf-series  2 watt  regulated  single output  sip 12 case  1 kv up to 5.2kv dc i/o isolation  cont. short circuit protection rev.02-2009
pmf-series ? p10gg-xxxxe(hxx)lf ? single output ? s ip12 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/3 selection guide single output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 single output p10gg-053r3elf 5 70 515 3.3 500 64 330 p10gg-0505elf 5 70 606 5 400 66 330 p10gg-057r2elf 5 70 606 7.2 277.7 66 330 p10gg-0509elf 5 70 597 9 222.2 67 330 p10gg-0512elf 5 80 597 12 166.6 67 330 p10gg-0515elf 5 80 597 15 133.3 67 330 p10gg-0518elf 5 80 597 18 111.1 67 330 P10GG-0524ELF 5 80 579 24 83.3 69 330 p10gg-123r3elf 12 30 214 3.3 500 64 330 p10gg-1205elf 12 30 252 5 400 66 330 p10gg-127r2elf 12 30 252 7.2 277.7 66 330 p10gg-1209elf 12 45 248 9 222.2 67 330 p10gg-1212elf 12 45 248 12 166.6 67 330 p10gg-1215elf 12 45 248 15 133.3 67 330 p10gg-1218elf 12 50 245 18 111.1 68 330 p10gg-1224elf 12 50 245 24 83.37 68 330 p10gg-243r3elf 24 25 107 3.3 500 64 330 p10gg-2405elf 24 25 124 5 400 67 330 p10gg-247r2elf 24 25 124 7.2 277.7 67 330 p10gg-2409elf 24 25 122 9 222.2 68 330 p10gg-2412elf 24 25 122 12 166.6 68 330 p10gg-2415elf 24 25 122 15 133.3 68 330 p10gg-2418elf 24 25 120 18 111.1 69 330 p10gg-2424elf 24 25 120 24 83.3 69 330 if you need other specifications, please enquire. *options: h30 = 3000 vdc isolation h52 = 5200 vdc isolation for other i/o isolation please see table on the left hand side and add ? hxx ? before lf (p10gg-2412e h52 lf for 5.2kv) notes:
pmf-series ? p10gg-xxxxe(hxx)lf ? single output ? s ip12 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 3/3 package / pinning / derating 2.50 (0.10) 14.00 (0.55) 8.00 (0.32) 3.05 (0.12) 0.30 (0.01) peak modelcode datecode 1 12 32.00 (1.26) 27.94 (1.10) 2.54 (0.10) 0.50 (0.02) 3.40 (0.13) 0.68 (0.03) 0.50 (0.02) 3.40 (0.13) all dimensions are typical in millimeters (inches). - pin diameter: 0.5 +/-0.05 (0.02 +/-0.002) - pin pitch tolerance: +/-0.35 (+/-0.014) - case tolerance +/-0.5 (+/-0.02) specification may change without notice. # single single 3kv 1 +vin +vin 2 n.c. - vin 3 n.c. n.c. 9 n.c. n.c. 10 - vout - vout 11 +vout +vout 12 - vin n.c. pin connections app notes: 1 = measured input reflected ripple current with a simu lated source inductance of 12uh. 2 = tested by minimal vin and constant resistive load.


▲Up To Search▲   

 
Price & Availability of P10GG-0524ELF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X